|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0189 General Information Part Number: 76650-0189 Manufacturer: Title: Description: Product Family: Certificates: Molex / Waldom 2.0 Thin Connector Kit Locking Plug and Receptacle N/A (Molex Parts within this kit) - EU RoHS Compliant, UL and CSA Country of Origin: Kit assembled in U.S.A. Specifications Design Configuration: Pitch: Connector Type: Circuit Sizes: Current Rating: Voltage: Wire Size: Wire-to-Wire 2.00mm (.079") Plugs and Receptacle 2, 3, 4 and 5 (1-2) Amps - Dependant on Wire Gauge 125 Volts 28-24 AWG Product Highlights This family has a very thin housing design, with the housings having a 2.7mm maximum thickness. The 51005 series (9.2mm) mated with the 51006 series (10.8mm) has a mated length of 14.8mm. The plug and receptacle mate with an audio click, and remain mated very strongly with locking tangs on both sides. The housings are marked at circuit one. Features and Benefits * Spring beam design provides high pressure and small deflection for high vibration applications * Polarization prevents mismating * Operating Temperature: -40 to +105C * Locking tang for secure housing retention * Very thin housing design, 2.7mm (.106)" Applications * Office Automation: Printers, Fax machines, Scanners, Copiers * Measuring / Analyzing Equipment, Security systems / alarms, Medical monitoring, Lab equipment * Other applications: Vending machines, Gaming machines, Fitness equipment Bill of Materials for Part No. 76650-0189 For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com Page 1 of 2 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0189 Country Molex Part No. of Origin 50012-8100 50013-8100 51005-0200 51005-0300 51005-0400 51005-0500 51006-0200 51006-0300 51006-0400 51006-0500 Description Male Crimp Terminal, Loose, for 2.00mm (.079") Pitch 51006 Mexico Plug Female Crimp Terminal, Loose, for 2.00mm (.079") Pitch Mexico 51005 Receptacle 2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 2 Japan Circuits 2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 3 Japan Circuits 2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 4 Japan Circuits 2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 5 Japan Circuits Japan Japan Japan Japan 2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 2 Circuits 2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 3 Circuits 2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 4 Circuits 2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 5 Circuits Quantity in Kit 50 50 5 5 3 3 5 5 3 3 Recommended Molex Tool(s) for Part No. 76650-0189* Country Molex Part No. of Origin 63811-7800 * 57046-5000 * Description Sweden Hand Crimp Tool, UL Approved USA Hand Crimper - JAPAN *Tool(s) not included in kit. Tool(s) ordered separately. For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com Page 2 of 2 |
Price & Availability of 63811-7800 |